Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 535 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 535 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 531Page - Renesas Technology Corp H8S/2472 Datasheet HTML 532Page - Renesas Technology Corp H8S/2472 Datasheet HTML 533Page - Renesas Technology Corp H8S/2472 Datasheet HTML 534Page - Renesas Technology Corp H8S/2472 Datasheet HTML 535Page - Renesas Technology Corp H8S/2472 Datasheet HTML 536Page - Renesas Technology Corp H8S/2472 Datasheet HTML 537Page - Renesas Technology Corp H8S/2472 Datasheet HTML 538Page - Renesas Technology Corp H8S/2472 Datasheet HTML 539Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 535 / 1250 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 2.00 Aug. 20, 2008 Page 487 of 1198
REJ09B0403-0200
13.7.8
Clock Output Control
Clock output can be fixed using the CKE1 and CKE0 bits in SCR when the GM bit in SMR is set
to 1. Specifically, the minimum width of a clock pulse can be specified.
Figure 13.31 shows an example of clock output fixing timing when the CKE0 bit is controlled
with GM = 1 and CKE1 = 0.
Specified pulse width
SCK
CKE0
Specified pulse width
Figure 13.31 Clock Output Fixing Timing
At power-on and transitions to/from software standby mode, use the following procedure to secure
the appropriate clock duty ratio.
At Power-On:
To secure the appropriate clock duty ratio simultaneously with power-on, use the following
procedure.
1. Initially, port input is enabled in the high-impedance state. To fix the potential level, use a
pull-up or pull-down resistor.
2. Fix the SCK pin to the specified output using the CKE1 bit in SCR.
3. Set SMR and SCMR to enable smart card interface mode.
4. Set the CKE0 bit in SCR to 1 to start clock output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com