Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 538 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 538 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 534Page - Renesas Technology Corp H8S/2472 Datasheet HTML 535Page - Renesas Technology Corp H8S/2472 Datasheet HTML 536Page - Renesas Technology Corp H8S/2472 Datasheet HTML 537Page - Renesas Technology Corp H8S/2472 Datasheet HTML 538Page - Renesas Technology Corp H8S/2472 Datasheet HTML 539Page - Renesas Technology Corp H8S/2472 Datasheet HTML 540Page - Renesas Technology Corp H8S/2472 Datasheet HTML 541Page - Renesas Technology Corp H8S/2472 Datasheet HTML 542Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 538 / 1250 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 2.00 Aug. 20, 2008 Page 490 of 1198
REJ09B0403-0200
13.8.2
Interrupts in Smart Card Interface Mode
Table 13.13 shows the interrupt sources in smart card interface mode. A TEI interrupt request
cannot be used in this mode.
Table 13.13 SCI Interrupt Sources
Channel Name
Interrupt Source
Interrupt Flag
DTC Activation
Priority
ERI3
Receive error, error
signal detection
ORER, PER, ERS
Not possible
High
RXI3
Receive data full
RDRF
Possible
3
TXI3
Transmit data empty
TEND
Possible
ERI1
Receive error, error
signal detection
ORER, PER, ERS
Not possible
RXI1
Receive data full
RDRF
Possible
1
TXI1
Transmit data empty
TEND
Possible
Low
Data transmission/reception using the DTC is also possible in smart card interface mode, similar
to in the normal SCI mode. In transmission, the TEND and TDRE flags in SSR are simultaneously
set to 1, thus generating a TXI interrupt request. This activates the DTC by a TXI interrupt request
thus allowing transfer of transmit data if the TXI interrupt request is specified as a source of DTC
activation beforehand. The TDRE and TEND flags are automatically cleared to 0 at data transfer
by the DTC. If an error occurs, the SCI automatically re-transmits the same data. During re-
transmission, the TEND flag remains as 0, thus not activating the DTC. Therefore, the SCI and
DTC automatically transmit the specified number of bytes, including re-transmission in the case of
error occurrence. However, the ERS flag in SSR, which is set at error occurrence, is not
automatically cleared; the ERS flag must be cleared by previously setting the RIE bit in SCR to 1
to enable an ERI interrupt request to be generated at error occurrence.
When transmitting/receiving data using the DTC, be sure to set and enable the DTC prior to
making SCI settings. For DTC settings, see section 7, Data Transfer Controller (DTC).
In reception, an RXI interrupt request is generated when the RDRF flag in SSR is set to 1. This
activates the DTC by an RXI interrupt request thus allowing transfer of receive data if the RXI
interrupt request is specified as a source of DTC activation beforehand. The RDRF flag is
automatically cleared to 0 at data transfer by the DTC. If an error occurs, the RDRF flag is not set
but the error flag is set. Therefore, the DTC is not activated and an ERI interrupt request is issued
to the CPU instead; the error flag must be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com