Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 537 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 537 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 533Page - Renesas Technology Corp H8S/2472 Datasheet HTML 534Page - Renesas Technology Corp H8S/2472 Datasheet HTML 535Page - Renesas Technology Corp H8S/2472 Datasheet HTML 536Page - Renesas Technology Corp H8S/2472 Datasheet HTML 537Page - Renesas Technology Corp H8S/2472 Datasheet HTML 538Page - Renesas Technology Corp H8S/2472 Datasheet HTML 539Page - Renesas Technology Corp H8S/2472 Datasheet HTML 540Page - Renesas Technology Corp H8S/2472 Datasheet HTML 541Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 537 / 1250 page
background image
Section 13 Serial Communication Interface (SCI)
Rev. 2.00 Aug. 20, 2008 Page 489 of 1198
REJ09B0403-0200
13.8
Interrupt Sources
13.8.1
Interrupts in Normal Serial Communication Interface Mode
Table 13.12 shows the interrupt sources in normal serial communication interface mode. A
different interrupt vector is assigned to each interrupt source, and individual interrupt sources can
be enabled or disabled using the enable bits in SCR.
When the TDRE flag in SSR is set to 1, a TXI interrupt request is generated. When the TEND flag
in SSR is set to 1, a TEI interrupt request is generated. A TXI interrupt can activate the DTC to
allow data transfer. The TDRE flag is automatically cleared to 0 at data transfer by the DTC.
When the RDRF flag in SSR is set to 1, an RXI interrupt request is generated. When the ORER,
PER, or FER flag in SSR is set to 1, an ERI interrupt request is generated. An RXI interrupt can
activate the DTC to allow data transfer. The RDRF flag is automatically cleared to 0 at data
transfer by the DTC.
A TEI interrupt is requested when the TEND flag is set to 1 while the TEIE bit is set to 1. If a TEI
interrupt and a TXI interrupt are requested simultaneously, the TXI interrupt has priority for
acceptance. However, note that if the TDRE and TEND flags are cleared simultaneously by the
TXI interrupt routine, the SCI cannot branch to the TEI interrupt routine later.
Table 13.12 SCI Interrupt Sources
Channel
Name
Interrupt Source
Interrupt Flag
DTC Activation
Priority
ERI3
Receive error
ORER, FER, PER
Not possible
High
RXI3
Receive data full
RDRF
Possible
TXI3
Transmit data empty
TDRE
Possible
3
TEI3
Transmit end
TEND
Not possible
ERI1
Receive error
ORER, FER, PER
Not possible
RXI1
Receive data full
RDRF
Possible
TXI1
Transmit data empty
TDRE
Possible
1
TEI1
Transmit end
TEND
Not possible
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com