Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 130 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 126Page - Renesas Technology Corp H8S/2472 Datasheet HTML 127Page - Renesas Technology Corp H8S/2472 Datasheet HTML 128Page - Renesas Technology Corp H8S/2472 Datasheet HTML 129Page - Renesas Technology Corp H8S/2472 Datasheet HTML 130Page - Renesas Technology Corp H8S/2472 Datasheet HTML 131Page - Renesas Technology Corp H8S/2472 Datasheet HTML 132Page - Renesas Technology Corp H8S/2472 Datasheet HTML 133Page - Renesas Technology Corp H8S/2472 Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 1250 page
background image
Section 5 Interrupt Controller
Rev. 2.00 Aug. 20, 2008 Page 82 of 1198
REJ09B0403-0200
Table 5.2
Correspondence between Interrupt Source and ICR
Register
Bit
Bit Name
ICRA
ICRB
ICRC
ICRD
7
ICRn7
IRQ0
A/D converter
SCI_3
IRQ8 to IRQ11
6
ICRn6
IRQ1
FRT
SCI_1
IRQ12 to IRQ15
5
ICRn5
IRQ2, IRQ3
SSU
EtherC
4
ICRn4
IRQ4, IRQ5
TMR_X
IIC_0
3
ICRn3
IRQ6, IRQ7
TMR_0
IIC_1
2
ICRn2
DTC
TMR_1
IIC_2, IIC_3
PECI*
2
1
ICRn1
WDT_0
TMR_Y
LPC
SCIF
0
ICRn0
WDT_1
IIC_4, IIC_5
USB*
1
[Legend]
n:
A to D
:
Reserved. The write value should always be 0.
Notes: 1. Supported only by the H8S/2472 Group.
2. Supported only by the H8S/2472 Group and the H8S/2462 Group.
5.3.2
Address Break Control Register (ABRKCR)
ABRKCR controls the address breaks. When both the CMF flag and BIE flag are set to 1, an
address break is requested.
Bit
Bit Name
Initial
Value
R/W
Description
7
CMF
Undefined R
Condition Match Flag
Address break source flag. Indicates that an address
specified by BARA to BARC is prefetched.
[Clearing condition]
When an exception handling is executed for an address
break interrupt.
[Setting condition]
When an address specified by BARA to BARC is
prefetched while the BIE flag is set to 1.
6 to 1
All 0
R
Reserved
These bits are always read as 0 and cannot be modified.
0
BIE
0
R/W
Break Interrupt Enable
Enables or disables address break.
0: Disabled
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com