Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 127 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 123Page - Renesas Technology Corp H8S/2472 Datasheet HTML 124Page - Renesas Technology Corp H8S/2472 Datasheet HTML 125Page - Renesas Technology Corp H8S/2472 Datasheet HTML 126Page - Renesas Technology Corp H8S/2472 Datasheet HTML 127Page - Renesas Technology Corp H8S/2472 Datasheet HTML 128Page - Renesas Technology Corp H8S/2472 Datasheet HTML 129Page - Renesas Technology Corp H8S/2472 Datasheet HTML 130Page - Renesas Technology Corp H8S/2472 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 1250 page
background image
Section 5 Interrupt Controller
Rev. 2.00 Aug. 20, 2008 Page 79 of 1198
REJ09B0403-0200
Section 5 Interrupt Controller
5.1
Features
• Two interrupt control modes
Any of two interrupt control modes can be set by means of the INTM1 and INTM0 bits in the
system control register (SYSCR).
• Priorities settable with ICR
An interrupt control register (ICR) is provided for setting interrupt priorities. Priority levels
can be set for each module for all interrupts except NMI.
• Three-level interrupt mask control
By means of the interrupt control mode, I and UI bits in CCR, and ICR, 3-level interrupt mask
control is performed.
• Independent vector addresses
All interrupt sources are assigned independent vector addresses, making it unnecessary for the
source to be identified in the interrupt handling routine.
• Thirty-three external interrupts
NMI is the highest-priority interrupt, and is accepted at all times. Rising edge or falling edge
detection can be selected for NMI. Falling-edge, rising-edge, or both-edge detection, or level
sensing, can be selected for
IRQn (n = 15 to 0) and ExIRQn (n = 15 to 0).
• DTC control
The DTC can be activated by an interrupt request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com