Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 128 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 124Page - Renesas Technology Corp H8S/2472 Datasheet HTML 125Page - Renesas Technology Corp H8S/2472 Datasheet HTML 126Page - Renesas Technology Corp H8S/2472 Datasheet HTML 127Page - Renesas Technology Corp H8S/2472 Datasheet HTML 128Page - Renesas Technology Corp H8S/2472 Datasheet HTML 129Page - Renesas Technology Corp H8S/2472 Datasheet HTML 130Page - Renesas Technology Corp H8S/2472 Datasheet HTML 131Page - Renesas Technology Corp H8S/2472 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 1250 page
background image
Section 5 Interrupt Controller
Rev. 2.00 Aug. 20, 2008 Page 80 of 1198
REJ09B0403-0200
SYSCR
NMI input
IRQ input
Internal interrupt sources
SWDTEND to EINT
NMIEG
INTM1, INTM0
NMI input
IRQ input
ISR
ISCR
IER
ICR
Interrupt controller
Priority level
determination
Interrupt
request
Vector number
I, UI
CCR
CPU
ICR:
ISCR:
IER:
ISR:
SYSCR:
Interrupt control register
IRQ sense control register
IRQ enable register
IRQ status register
System control register
[Legend]
Figure 5.1 Block Diagram of Interrupt Controller
5.2
Input/Output Pins
Table 5.1 summarizes the pins of the interrupt controller.
Table 5.1
Pin Configuration
Symbol
I/O
Function
NMI
Input
Nonmaskable external interrupt
Rising edge or falling edge can be selected
IRQ15 to IRQ0
ExIRQ15 to
ExIRQ0
Input
Maskable external interrupts
Rising edge, falling edge, or both edges, or level sensing can be
selected individually for each pin. Pin of
IRQn or ExIRQn to input
IRQn (n = 15 to 0) interrupt can be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com