Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 136 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 132Page - Renesas Technology Corp H8S/2472 Datasheet HTML 133Page - Renesas Technology Corp H8S/2472 Datasheet HTML 134Page - Renesas Technology Corp H8S/2472 Datasheet HTML 135Page - Renesas Technology Corp H8S/2472 Datasheet HTML 136Page - Renesas Technology Corp H8S/2472 Datasheet HTML 137Page - Renesas Technology Corp H8S/2472 Datasheet HTML 138Page - Renesas Technology Corp H8S/2472 Datasheet HTML 139Page - Renesas Technology Corp H8S/2472 Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 1250 page
background image
Section 5 Interrupt Controller
Rev. 2.00 Aug. 20, 2008 Page 88 of 1198
REJ09B0403-0200
5.4
Interrupt Sources
5.4.1
External Interrupts
There are four external interrupts: NMI, IRQ15 to IRQ0. These interrupts can be used to restore
this LSI from software standby mode.
NMI Interrupt: NMI is the highest-priority interrupt, and is always accepted by the CPU
regardless of the interrupt control mode or the status of the CPU interrupt mask bits. The NMIEG
bit in SYSCR can be used to select whether an interrupt is requested at a rising edge or a falling
edge on the NMI pin.
IRQ15 to IRQ0 Interrupts: Interrupts IRQ15 to IRQ0 are requested by an input signal at pins
IRQ15 to IRQ0 or pins ExIRQ15 to ExIRQ0. Interrupts IRQ15 to IRQ0 have the following
features:
• The interrupt exception handling for interrupt requests IRQ15 to IRQ0 can be started at an
independent vector address.
• Using ISCR, it is possible to select whether an interrupt is generated by a low level, falling
edge, rising edge, or both edges, at pins
IRQ15 to IRQ0 or pins ExIRQ15 to ExIRQ0.
• Enabling or disabling of interrupt requests IRQ15 to IRQ0 can be selected with IER.
• The status of interrupt requests IRQ15 to IRQ0 is indicated in ISR. ISR flags can be cleared to
0 by software.
The detection of IRQ15 to IRQ0 interrupts does not depend on whether the relevant pin has been
set for input or output. However, when a pin is used as an external interrupt input pin, clear the
corresponding port DDR to 0 so that it is not used as an I/O pin for another function.
A block diagram of interrupts IRQ15 to IRQ0 is shown in figure 5.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com