Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 138 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 134Page - Renesas Technology Corp H8S/2472 Datasheet HTML 135Page - Renesas Technology Corp H8S/2472 Datasheet HTML 136Page - Renesas Technology Corp H8S/2472 Datasheet HTML 137Page - Renesas Technology Corp H8S/2472 Datasheet HTML 138Page - Renesas Technology Corp H8S/2472 Datasheet HTML 139Page - Renesas Technology Corp H8S/2472 Datasheet HTML 140Page - Renesas Technology Corp H8S/2472 Datasheet HTML 141Page - Renesas Technology Corp H8S/2472 Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 1250 page
background image
Section 5 Interrupt Controller
Rev. 2.00 Aug. 20, 2008 Page 90 of 1198
REJ09B0403-0200
5.5
Interrupt Exception Handling Vector Table
Table 5.3 lists interrupt exception handling sources, vector addresses, and interrupt priorities. For
default priorities, the lower the vector number, the higher the priority. Modules set at the same
priority will conform to their default priorities. Priorities within a module are fixed.
An interrupt control level can be specified for a module to which an ICR bit is assigned. Interrupt
requests from modules that are set to interrupt control level 1 (priority) by the ICR bit setting are
given priority and processed before interrupt requests from modules that are set to interrupt
control level 0 (no priority).
Table 5.3
Interrupt Sources, Vector Addresses, and Interrupt Priorities
Vector Address
Origin of
Interrupt
Source
Name
Vector
Number Advanced Mode
ICR
Priority
NMI
7
H
'00001C
High
External pin
IRQ0
16
H
'000040
ICRA7
IRQ1
17
H
'000044
ICRA6
IRQ2
IRQ3
18
19
H
'000048
H
'00004C
ICRA5
IRQ4
IRQ5
20
21
H
'000050
H
'000054
ICRA4
IRQ6
IRQ7
22
23
H
'000058
H
'00005C
ICRA3
DTC
SWDTEND (Software activation
data transfer end)
24
H
'000060
ICRA2
WDT_0
WOVI0 (Interval timer)
25
H
'000064
ICRA1
WDT_1
WOVI1 (Interval timer)
26
H
'000068
ICRA0
Address break
27
H
'00006C
A/D converter
ADI (A/D conversion end)
28
H
'000070
ICRB7
EVC
EVENTI
29
H
'000074
TMR_X
CMIAX (Compare match A)
CMIBX (Compare match B)
OVIX (Overflow)
44
45
46
H
'0000B0
H
'0000B4
H
'0000B8
ICRB4
FRT
OCIA (Output compare A)
OCIB (Output compare B)
FOVI (Overflow)
52
53
54
H
'0000D0
H
'0000D4
H
'0000D8
ICRB6
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com