Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 137 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 133Page - Renesas Technology Corp H8S/2472 Datasheet HTML 134Page - Renesas Technology Corp H8S/2472 Datasheet HTML 135Page - Renesas Technology Corp H8S/2472 Datasheet HTML 136Page - Renesas Technology Corp H8S/2472 Datasheet HTML 137Page - Renesas Technology Corp H8S/2472 Datasheet HTML 138Page - Renesas Technology Corp H8S/2472 Datasheet HTML 139Page - Renesas Technology Corp H8S/2472 Datasheet HTML 140Page - Renesas Technology Corp H8S/2472 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 1250 page
background image
Section 5 Interrupt Controller
Rev. 2.00 Aug. 20, 2008 Page 89 of 1198
REJ09B0403-0200
IRQn interrupt
request
IRQnE
IRQnF
S
R
Q
Clear signal
Edge/level
detection circuit
IRQnSCA, IRQnSCB
IRQn input or
ExIRQn* input
n = 15 to 0
Figure 5.2 Block Diagram of Interrupts IRQ15 to IRQ0
5.4.2
Internal Interrupts
Internal interrupts issued from the on-chip peripheral modules have the following features:
• For each on-chip peripheral module there are flags that indicate the interrupt request status,
and enable bits that individually select enabling or disabling of these interrupts. When the
enable bit for a particular interrupt source is set to 1, an interrupt request is sent to the interrupt
controller.
• The control level for each interrupt can be set by ICR.
• The DTC can be activated by an interrupt request from an on-chip peripheral module.
• An interrupt request that activates the DTC is not affected by the interrupt control mode or the
status of the CPU interrupt mask bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com