Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 143 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 139Page - Renesas Technology Corp H8S/2472 Datasheet HTML 140Page - Renesas Technology Corp H8S/2472 Datasheet HTML 141Page - Renesas Technology Corp H8S/2472 Datasheet HTML 142Page - Renesas Technology Corp H8S/2472 Datasheet HTML 143Page - Renesas Technology Corp H8S/2472 Datasheet HTML 144Page - Renesas Technology Corp H8S/2472 Datasheet HTML 145Page - Renesas Technology Corp H8S/2472 Datasheet HTML 146Page - Renesas Technology Corp H8S/2472 Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 1250 page
background image
Section 5 Interrupt Controller
Rev. 2.00 Aug. 20, 2008 Page 95 of 1198
REJ09B0403-0200
Table 5.6
Operations and Control Signal Functions in Each Interrupt Control Mode
Interrupt
Setting
Interrupt Acceptance Control
3-Level Control
Default Priority
Control Mode
INTM1
INTM0
I
UI
ICR
Determination
T (Trace)
0
0
0
O
IM
PR
O
1
1
O
IM
IM
PR
O
[Legend]
O:
Interrupt operation control performed
IM:
Used as an interrupt mask bit
PR:
Sets priority
:
Not used
5.6.1
Interrupt Control Mode 0
In interrupt control mode 0, interrupts other than NMI are masked by ICR and the I bit of the CCR
in the CPU. Figure 5.4 shows a flowchart of the interrupt acceptance operation.
1. If an interrupt source occurs when the corresponding interrupt enable bit is set to 1, an
interrupt request is sent to the interrupt controller.
2. According to the interrupt control level specified in ICR, the interrupt controller accepts an
interrupt request with interrupt control level 1 (priority), and holds pending an interrupt request
with interrupt control level 0 (no priority). If several interrupt requests are issued, an interrupt
request with the highest priority is accepted according to the priority order, an interrupt
handling is requested to the CPU, and other interrupt requests are held pending.
3. If the I bit in CCR is set to 1, only NMI and address break interrupt requests are accepted by
the interrupt controller, and other interrupt requests are held pending. If the I bit is cleared to 0,
any interrupt request is accepted. KIN, WUE, and EVENTI interrupts are enabled or disabled
by the I bit.
4. When the CPU accepts an interrupt request, it starts interrupt exception handling after
execution of the current instruction has been completed.
5. The PC and CCR are saved to the stack area by interrupt exception handling. The PC saved on
the stack shows the address of the first instruction to be executed after returning from the
interrupt handling routine.
6. Next, the I bit in CCR is set to 1. This masks all interrupts except for NMI and address break
interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com