Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 145 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 141Page - Renesas Technology Corp H8S/2472 Datasheet HTML 142Page - Renesas Technology Corp H8S/2472 Datasheet HTML 143Page - Renesas Technology Corp H8S/2472 Datasheet HTML 144Page - Renesas Technology Corp H8S/2472 Datasheet HTML 145Page - Renesas Technology Corp H8S/2472 Datasheet HTML 146Page - Renesas Technology Corp H8S/2472 Datasheet HTML 147Page - Renesas Technology Corp H8S/2472 Datasheet HTML 148Page - Renesas Technology Corp H8S/2472 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 1250 page
background image
Section 5 Interrupt Controller
Rev. 2.00 Aug. 20, 2008 Page 97 of 1198
REJ09B0403-0200
5.6.2
Interrupt Control Mode 1
In interrupt control mode 1, mask control is applied to three levels for IRQ and on-chip peripheral
module interrupt requests by comparing the I and UI bits in CCR in the CPU, and the ICR setting.
• An interrupt request with interrupt control level 0 is accepted when the I bit in CCR is cleared
to 0. When the I bit is set to 1, the interrupt request is held pending.
EVENTI, KIN, and WUE interrupts are enabled or disabled by the I bit.
• An interrupt request with interrupt control level 1 is accepted when the I bit or UI bit in CCR is
cleared to 0. When both I and UI bits are set to 1, the interrupt request is held pending.
For instance, the state when the interrupt enable bit corresponding to each interrupt is set to 1, and
ICRA to ICRD are set to H'20, H'00, H'00, and H'00, respectively (IRQ2 and IRQ3 interrupts are
set to interrupt control level 1, and other interrupts are set to interrupt control level 0) is shown
below. Figure 5.6 shows a state transition diagram.
• All interrupt requests are accepted when I = 0. (Priority order: NMI > IRQ2 > IRQ3 > IRQ0 >
IRQ1 > address break …)
• Only NMI, IRQ2, IRQ3, and address break interrupt requests are accepted when I = 1 and UI =
0.
• Only NMI and address break interrupt requests are accepted when I = 1 and UI = 1.
Only NMI and address break
interrupt requests are accepted
All interrupt requests
are accepted
Exception handling execution
or I
1, UI
1
I
0
I
1, UI
0
I
0UI
0
Exception handling
execution or UI
1
Only NMI, address break, and
interrupt control level 1 interrupt
requests are accepted
Figure 5.5 State Transition in Interrupt Control Mode 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com