Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 141 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 137Page - Renesas Technology Corp H8S/2472 Datasheet HTML 138Page - Renesas Technology Corp H8S/2472 Datasheet HTML 139Page - Renesas Technology Corp H8S/2472 Datasheet HTML 140Page - Renesas Technology Corp H8S/2472 Datasheet HTML 141Page - Renesas Technology Corp H8S/2472 Datasheet HTML 142Page - Renesas Technology Corp H8S/2472 Datasheet HTML 143Page - Renesas Technology Corp H8S/2472 Datasheet HTML 144Page - Renesas Technology Corp H8S/2472 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 1250 page
background image
Section 5 Interrupt Controller
Rev. 2.00 Aug. 20, 2008 Page 93 of 1198
REJ09B0403-0200
5.6
Interrupt Control Modes and Interrupt Operation
The interrupt controller has two modes: Interrupt control mode 0 and interrupt control mode 1.
Interrupt operations differ depending on the interrupt control mode. NMI interrupts and address
break interrupts are always accepted except for in reset state or in hardware standby mode. The
interrupt control mode is selected by SYSCR. Table 5.4 shows the interrupt control modes.
Table 5.4
Interrupt Control Modes
SYSCR
Interrupt
Control
Mode
INTM1
INTM0
Priority
Setting
Registers
Interrupt
Mask Bits
Description
0
0
0
ICR
I
Interrupt mask control is performed by
the I bit. Priority levels can be set with
ICR.
1
1
ICR
I, UI
3-level interrupt mask control is
performed by the I and UI bits. Priority
levels can be set with ICR.
Figure 5.3 shows a block diagram of the priority decision circuit.
ICR
UI
I
Default priority
determination
Vector
number
Interrupt
acceptance control
and 3-level mask
control
Interrupt
source
Interrupt control modes
0 and 1
Figure 5.3 Block Diagram of Interrupt Control Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com