Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 158 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 154Page - Renesas Technology Corp H8S/2472 Datasheet HTML 155Page - Renesas Technology Corp H8S/2472 Datasheet HTML 156Page - Renesas Technology Corp H8S/2472 Datasheet HTML 157Page - Renesas Technology Corp H8S/2472 Datasheet HTML 158Page - Renesas Technology Corp H8S/2472 Datasheet HTML 159Page - Renesas Technology Corp H8S/2472 Datasheet HTML 160Page - Renesas Technology Corp H8S/2472 Datasheet HTML 161Page - Renesas Technology Corp H8S/2472 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 1250 page
background image
Section 6 Bus Controller (BSC)
Rev. 2.00 Aug. 20, 2008 Page 110 of 1198
REJ09B0403-0200
6.2
Input/Output Pins
Table 6.1 summarizes the pin configuration of the bus controller.
Table 6.1
Pin Configuration
Symbol
I/O
Function
AS
Output
Strobe signal indicating that address output on the address
bus is enabled (when the IOSE bit in SYSCR is cleared to 0).
Note that this signal is not output when the 256-Kbyte
extended area is accessed (the CS256E bit in SYSCR is 1).
IOS
Output
Chip select signal indicating that the IOS extended area is
being accessed (when the IOSE bit in SYSCR is 1).
CS256
Output
Chip select signal indicating that the 256-Kbyte extended
area is being accessed (when the CS256E bit in SYSCR is
1).
RD
Output
Strobe signal indicating that the external address space is
being read.
HWR
Output
Strobe signal indicating that the external address space is
being written to, and the upper half (D15 to D8, AD15 to
AD8) of the data bus is valid.
LWR
Output
Strobe signal indicating that the external address space is
being written to, and the lower half (D7 to D0, AD7 to AD0) of
the data bus is valid.
WAIT
Input
Wait request signal when accessing the external space.
WR
Output
Strobe signal indicating that the external address space is
being written to.
HBE
Output
Strobe signal indicating that the external address space is
being accessed, and the upper half (D15 to D8) of the data
bus is valid.
LBE
Output
Strobe signal indicating that the external address space is
being accessed, and the lower half (D7 to D0) of the data
bus is valid.
AH
Output
Signal indicating address fetch timing when the bus is in
address-data multiplex bus state.
AD15 to AD0
Input/Output
Address output and data input/output pins for address-data
multiplex extension.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com