Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 155 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 151Page - Renesas Technology Corp H8S/2472 Datasheet HTML 152Page - Renesas Technology Corp H8S/2472 Datasheet HTML 153Page - Renesas Technology Corp H8S/2472 Datasheet HTML 154Page - Renesas Technology Corp H8S/2472 Datasheet HTML 155Page - Renesas Technology Corp H8S/2472 Datasheet HTML 156Page - Renesas Technology Corp H8S/2472 Datasheet HTML 157Page - Renesas Technology Corp H8S/2472 Datasheet HTML 158Page - Renesas Technology Corp H8S/2472 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 1250 page
background image
Section 6 Bus Controller (BSC)
Rev. 2.00 Aug. 20, 2008 Page 107 of 1198
REJ09B0403-0200
Section 6 Bus Controller (BSC)
This LSI has an on-chip bus controller (BSC) that manages the bus width and the number of
access states of the external address space. The BSC also has a bus arbitration function, and
controls the operation of the internal bus masters – CPU, data transfer controller (DTC), and
Ethernet controller direct memory access controller (E-DMAC).
6.1
Features
• Extended modes
Two modes for external extension
Normal extended mode: Normal extension
(when ADMXE = 0 in SYSCR2 and OBE = 0 in PTCNT0)
Glueless extension
(when ADMXE = 0 in SYSCR2 and OBE = 1 in PTCNT0)
Address-data multiplex extended mode: Multiplex extension (when ADMXE = 1 in SYSCR2)
• Extended area division
Possible in normal extended mode
The external address space can be accessed as basic extended areas.
A 256-Kbyte extended area can be set and controlled independently of basic extended areas.
• Address pin reduction
In normal extended mode:
A 256-Kbyte extended area from H'F80000 to H'FBFFFF can be selected using 18 address
pins and the
CS256 signal.
A 2-Kbyte area from H'FFF000 to H'FFF7FF can be selected using six to eleven address pins
and the
IOS signal.
In address-data multiplex extended mode:
The external address space can be accessed as the following two extended areas.
H'F80000 to H'F8FFFF
64 Kbytes
256-Kbyte extended area
H'FFF000 to H'FFF7FF
2 Kbytes
IOS extended area
These areas can be selected using 8 pins or 16 pins, which is a total of address pins and data
input/output pins.
• Control address hold signal and area select signal polarity
The output polarity of
IOS, CS256, and AH can be inverted by the PNCCS and PNCAH bits in
LPWRCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com