Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 162 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 158Page - Renesas Technology Corp H8S/2472 Datasheet HTML 159Page - Renesas Technology Corp H8S/2472 Datasheet HTML 160Page - Renesas Technology Corp H8S/2472 Datasheet HTML 161Page - Renesas Technology Corp H8S/2472 Datasheet HTML 162Page - Renesas Technology Corp H8S/2472 Datasheet HTML 163Page - Renesas Technology Corp H8S/2472 Datasheet HTML 164Page - Renesas Technology Corp H8S/2472 Datasheet HTML 165Page - Renesas Technology Corp H8S/2472 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 1250 page
background image
Section 6 Bus Controller (BSC)
Rev. 2.00 Aug. 20, 2008 Page 114 of 1198
REJ09B0403-0200
6.3.3
Wait State Control Register (WSCR)
WSCR is used to specify the data bus width, the number of access states, the wait mode, and the
number of wait states for access to external address spaces (basic extended area and 256-Kbyte
extended area). The bus width and the number of access states for internal memory and internal
I/O registers are fixed regardless of the WSCR settings.
Bit
Bit Name
Initial
Value
R/W
Description
7
ABW256
1
R/W
256-Kbyte Extended Area Bus Width Control
Selects the bus width for access to the 256-Kbyte
extended area when the CS256E bit in SYSCR is set to 1.
0: 16-bit bus
1: 8-bit bus
6
AST256
1
R/W
256-Kbyte Extended Area Access State Control
Selects the number of states for access to the 256-Kbyte
extended area when the CS256E bit in SYSCR is set to 1.
This bit also enables or disables wait-state insertion.
[ADMXE = 0] Normal extension
0: 2-state access space. Wait state insertion disabled
1: 3-state access space. Wait state insertion enabled
[ADMXE = 1] Address-data multiplex extension
0: 2-state data access space. Wait state insertion disabled
1: 3-state data access space. Wait state insertion enabled
5
ABW
1
R/W
Basic Extended Area Bus Width Control
Selects the bus width for access to the basic extended
area.
0: 16-bit bus
1: 8-bit bus
When the CS256E bit in SYSCR is set to 1, this bit setting
is ignored in access to the 256-Kbyte extended area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com