Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 198 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 194Page - Renesas Technology Corp H8S/2472 Datasheet HTML 195Page - Renesas Technology Corp H8S/2472 Datasheet HTML 196Page - Renesas Technology Corp H8S/2472 Datasheet HTML 197Page - Renesas Technology Corp H8S/2472 Datasheet HTML 198Page - Renesas Technology Corp H8S/2472 Datasheet HTML 199Page - Renesas Technology Corp H8S/2472 Datasheet HTML 200Page - Renesas Technology Corp H8S/2472 Datasheet HTML 201Page - Renesas Technology Corp H8S/2472 Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 1250 page
background image
Section 6 Bus Controller (BSC)
Rev. 2.00 Aug. 20, 2008 Page 150 of 1198
REJ09B0403-0200
6.5.6
Wait Control
When accessing the external address space, this LSI can extend the bus cycle by inserting one or
more wait states (T
W). There are three ways of inserting wait states: Program wait insertion, pin
wait insertion using the
WAIT pin, and the combination of program wait and the WAIT pin.
(1)
In Normal Extended Mode
(a)
Program Wait Mode
A specified number of wait states T
W are always inserted between the T2 state and T3 state when
accessing the external address space. The number of wait states T
W is specified by the settings of
the WC1 and WC0 bits in WSCR (the WC11 and WC10 bits in WSCR2 for the 256-Kbyte
extended area).
(b)
Pin Wait Mode
A specified number of wait states T
W are always inserted between the T2 state and T3 state when
accessing the external address space. The number of wait states T
W is specified by the settings of
the WC1 and WC0 bits. If the
WAIT pin is low at the falling edge of φ in the last T
2 or TW state,
another T
W state is inserted. If the WAIT pin is held low, TW states are inserted until it goes high.
Pin wait mode is useful when inserting four or more T
W states, or when changing the number of TW
states to be inserted for each external device.
(c)
Pin Auto-Wait Mode
A specified number of wait states T
W are inserted between the T2 state and T3 state when accessing
the external address space if the
WAIT pin is low at the falling edge of φ in the last T
2 state. The
number of wait states T
W is specified by the settings of the WC1 and WC0 bits. Even if the WAIT
pin is held low, T
W states are inserted only up to the specified number of states.
Pin auto-wait mode enables the low-speed memory interface only by inputting the chip select
signal to the
WAIT pin.
Figure 6.28 shows an example of wait state insertion timing in pin wait mode.
The settings after a reset are: 3-state access, 3 program wait insertion, and
WAIT pin input
disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com