Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 202 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 202 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 198Page - Renesas Technology Corp H8S/2472 Datasheet HTML 199Page - Renesas Technology Corp H8S/2472 Datasheet HTML 200Page - Renesas Technology Corp H8S/2472 Datasheet HTML 201Page - Renesas Technology Corp H8S/2472 Datasheet HTML 202Page - Renesas Technology Corp H8S/2472 Datasheet HTML 203Page - Renesas Technology Corp H8S/2472 Datasheet HTML 204Page - Renesas Technology Corp H8S/2472 Datasheet HTML 205Page - Renesas Technology Corp H8S/2472 Datasheet HTML 206Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 1250 page
background image
Section 6 Bus Controller (BSC)
Rev. 2.00 Aug. 20, 2008 Page 154 of 1198
REJ09B0403-0200
6.6
Burst ROM Interface
In this LSI, the external address space can be designated as the burst ROM space by the BRSTRM
bit in BCR, and the burst ROM interface enabled. Consecutive burst accesses of a maximum four
or eight words can be performed only during CPU instruction fetch. 1 or 2 states can be selected
for burst ROM access.
6.6.1
Basic Operation Timing
The number of access states in the initial cycle (full access) of the burst ROM interface is
determined by the AST bit in WSCR. When the AST bit is set to 1, wait states can be inserted. 1
or 2 states can be selected for burst access according to the setting of the BRSTS1 bit in BCR.
Wait states cannot be inserted in a burst cycle. Burst accesses of a maximum four words is
performed when the BRSTS0 bit in BCR is cleared to 0, and burst accesses of a maximum eight
words is performed when the BRSTS0 bit in BCR is set to 1.
The basic access timing for the burst ROM space is shown in figures 6.30 and 6.31.
T
1
Address bus
φ
AS/IOS
Data bus
T
2
T
3
T
1
T
2
T
1
Full access
T
2
RD
Burst access
Only lower address changes
Read data
Read data
Read data
(IOSE = 0)
Figure 6.30 Access Timing Example in Burst ROM Space (AST = BRSTS1 = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com