Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 200 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 196Page - Renesas Technology Corp H8S/2472 Datasheet HTML 197Page - Renesas Technology Corp H8S/2472 Datasheet HTML 198Page - Renesas Technology Corp H8S/2472 Datasheet HTML 199Page - Renesas Technology Corp H8S/2472 Datasheet HTML 200Page - Renesas Technology Corp H8S/2472 Datasheet HTML 201Page - Renesas Technology Corp H8S/2472 Datasheet HTML 202Page - Renesas Technology Corp H8S/2472 Datasheet HTML 203Page - Renesas Technology Corp H8S/2472 Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 1250 page
background image
Section 6 Bus Controller (BSC)
Rev. 2.00 Aug. 20, 2008 Page 152 of 1198
REJ09B0403-0200
(2)
In Address-Data Multiplex Extended Mode
(a)
Program Wait Mode
Program wait mode includes address wait and data wait.
• 256-Kbyte extended area and IOS extended area
Zero or one state of address wait T
AW is inserted between T1 and T2 states. Zero to three states
of data wait T
DSW is inserted between T4 and T5 states.
(b)
Pin Wait Mode
When accessing the external address space, a specified number of wait states T
DSW can be inserted
between the T
4 state and T5 state of data state. The number of wait states TDSW is specified by the
settings of the WC1 and WC0 bits. If the
WAIT pin is low at the falling edge of φ in the last T
4,
T
DSW, or TDOW state, another TDOW state is inserted. If the WAIT pin is held low, TDOW states are
inserted until it goes high.
Pin wait mode is useful when inserting four or more T
DOW states, or when changing the number of
T
DOW states to be inserted for each external device.
(c)
Pin Auto-Wait Mode
A specified number of wait states T
DOW are inserted between the T4 state and T5 state when
accessing the external address space if the
WAIT pin is low at the falling edge of φ in the last T
4
state. The number of wait states T
DOW is specified by the settings of the WC1 and WC0 bits. Even
if the
WAIT pin is held low, T
DOW states are inserted only up to the specified number of states.
Pin auto-wait mode enables the low-speed memory interface only by inputting the chip select
signal to the
WAIT pin.
Figure 6.29 shows an example of wait state insertion timing in pin wait mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com