Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 214 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 210Page - Renesas Technology Corp H8S/2472 Datasheet HTML 211Page - Renesas Technology Corp H8S/2472 Datasheet HTML 212Page - Renesas Technology Corp H8S/2472 Datasheet HTML 213Page - Renesas Technology Corp H8S/2472 Datasheet HTML 214Page - Renesas Technology Corp H8S/2472 Datasheet HTML 215Page - Renesas Technology Corp H8S/2472 Datasheet HTML 216Page - Renesas Technology Corp H8S/2472 Datasheet HTML 217Page - Renesas Technology Corp H8S/2472 Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 1250 page
background image
Section 7 Data Transfer Controller (DTC)
Rev. 2.00 Aug. 20, 2008 Page 166 of 1198
REJ09B0403-0200
7.2.5
DTC Transfer Count Register A (CRA)
CRA is a 16-bit register that designates the number of times data is to be transferred by the DTC.
In normal mode, the entire CRA functions as a 16-bit transfer counter (1 to 65536). It is
decremented by 1 every time data is transferred, and transfer ends when the count reaches H'0000.
In repeat mode or block transfer mode, the CRA is divided into two parts; the upper eight bits
(CRAH) and the lower 8 bits (CRAL). CRAH holds the number of transfers while CRAL
functions as an 8-bit transfer counter (1 to 256). CRAL is decremented by 1 every time data is
transferred, and the contents of CRAH are sent when the count reaches H'00.
7.2.6
DTC Transfer Count Register B (CRB)
CRB is a 16-bit register that designates the number of times data is to be transferred by the DTC in
block transfer mode. It functions as a 16-bit transfer counter (1 to 65536) that is decremented by 1
every time data is transferred, and transfer ends when the count reaches H'0000.
7.2.7
DTC Enable Registers (DTCER)
DTCER specifies DTC activation interrupt sources. DTCER is comprised of five registers:
DTCERA to DTCERF. The correspondence between interrupt sources and DTCE bits is shown in
tables 7.1 and 7.4. For DTCE bit setting, use bit manipulation instructions such as BSET and
BCLR. Multiple DTC activation sources can be set at one time (only at the initial setting) by
masking all interrupts and writing data after executing a dummy read on the relevant register.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
DTCE7 to
DTCE0
All 0
R/W
DTC Activation Enable
Setting this bit to 1 specifies a relevant interrupt source
as a DTC activation source.
[Clearing conditions]
• When data transfer has ended with the DISEL bit in
MRB set to 1
• When the specified number of transfers have ended
These bits are not cleared when the DISEL bit is 0 and
the specified number of transfers have not been
completed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com