Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 215 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 211Page - Renesas Technology Corp H8S/2472 Datasheet HTML 212Page - Renesas Technology Corp H8S/2472 Datasheet HTML 213Page - Renesas Technology Corp H8S/2472 Datasheet HTML 214Page - Renesas Technology Corp H8S/2472 Datasheet HTML 215Page - Renesas Technology Corp H8S/2472 Datasheet HTML 216Page - Renesas Technology Corp H8S/2472 Datasheet HTML 217Page - Renesas Technology Corp H8S/2472 Datasheet HTML 218Page - Renesas Technology Corp H8S/2472 Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 1250 page
background image
Section 7 Data Transfer Controller (DTC)
Rev. 2.00 Aug. 20, 2008 Page 167 of 1198
REJ09B0403-0200
Table 7.1
Correspondence between Interrupt Sources and DTCER
Register
Bit
Bit Name
DTCERA
DTCERB
DTCERC
DTCERD
DTCERE
DTCERF*
7
DTCEn7
(16)IRQ0
(86)TXI1
(115)USBINT0
6
DTCEn6
(17)IRQ1
(76)IICI2
(89)RXIS
(118)USBINT1
5
DTCEn5
(18)IRQ2
(94)IICI0
(90)TXIS
4
DTCEn4
(19)IRQ3
(29)EVENTI (78)IICI3
3
DTCEn3
(28)ADI
(98)IICI1
(104)ERR1
2
DTCEn2
(81)RXI3
(105)IBFI1
1
DTCEn1
(82)TXI3
(106)IBFI2
0
DTCEn0
(85)RXI1
(107)IBFI3
[Legend]
n:
A to F
( ):
Vector number
:
Reserved. The write value should always be 0.
*:
Only in the H8S/2472
7.2.8
DTC Vector Register (DTVECR)
DTVECR enables or disables DTC activation by software, and sets a vector number for the
software activation interrupt.
Bit
Bit Name
Initial
Value
R/W
Description
7
SWDTE
0
R/W
DTC Software Activation Enable
Setting this bit to 1 activates DTC. Only 1 can be written to
this bit.
[Clearing conditions]
• When the DISEL bit is 0 and the specified number of
transfers have not ended
• When 0 is written to the DISEL bit after a software-
activated data transfer end interrupt (SWDTEND)
request has been sent to the CPU.
This bit will not be cleared when the DISEL bit is 1 and
data transfer has ended or when the specified number of
transfers has ended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com