Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 217 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 213Page - Renesas Technology Corp H8S/2472 Datasheet HTML 214Page - Renesas Technology Corp H8S/2472 Datasheet HTML 215Page - Renesas Technology Corp H8S/2472 Datasheet HTML 216Page - Renesas Technology Corp H8S/2472 Datasheet HTML 217Page - Renesas Technology Corp H8S/2472 Datasheet HTML 218Page - Renesas Technology Corp H8S/2472 Datasheet HTML 219Page - Renesas Technology Corp H8S/2472 Datasheet HTML 220Page - Renesas Technology Corp H8S/2472 Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 1250 page
background image
Section 7 Data Transfer Controller (DTC)
Rev. 2.00 Aug. 20, 2008 Page 169 of 1198
REJ09B0403-0200
7.2.10
Event Counter Control Register (ECCR)
ECCR selects the event counter channels for use and the detection edge.
Bit
Bit Name
Initial
Value
R/W
Description
7
EDSB
0
R/W
Event Counter Edge Select
Selects the detection edge for the event counter.
0: Counts the rising edges
1: Counts the falling edges
6 to 4
All 0
R
Reserved
These bits are always read as 0 and cannot be modified.
3 to 0
ECSB3 to
ECSB0
All 0
R/W
Event Counter Channel Select 3 to 0
These bits select pins for event counter input. A series
of pins are selected starting from EVENT0. When
PAnDDR is set to 1, inputting events to EVENT0 to
EVENT7 is ignored.
0000: EVENT0 is used
0001: EVENT0 to EVENT1 are used
0010: EVENT0 to EVENT2 are used
0011: EVENT0 to EVENT3 are used
0100: EVENT0 to EVENT4 are used
0101: EVENT0 to EVENT5 are used
0110: EVENT0 to EVENT6 are used
0111: EVENT0 to EVENT7 are used
1000: EVENT0 to EVENT8 are used
1001: EVENT0 to EVENT9 are used
1010: EVENT0 to EVENT10 are used
1011: EVENT0 to EVENT11 are used
1100: EVENT0 to EVENT12 are used
1101: EVENT0 to EVENT13 are used
1110: EVENT0 to EVENT14 are used
1111: EVENT0 to EVENT15 are used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com