Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 232 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 232 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 228Page - Renesas Technology Corp H8S/2472 Datasheet HTML 229Page - Renesas Technology Corp H8S/2472 Datasheet HTML 230Page - Renesas Technology Corp H8S/2472 Datasheet HTML 231Page - Renesas Technology Corp H8S/2472 Datasheet HTML 232Page - Renesas Technology Corp H8S/2472 Datasheet HTML 233Page - Renesas Technology Corp H8S/2472 Datasheet HTML 234Page - Renesas Technology Corp H8S/2472 Datasheet HTML 235Page - Renesas Technology Corp H8S/2472 Datasheet HTML 236Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 1250 page
background image
Section 7 Data Transfer Controller (DTC)
Rev. 2.00 Aug. 20, 2008 Page 184 of 1198
REJ09B0403-0200
7.6.7
Number of DTC Execution States
Table 7.8 lists the execution status for a single DTC data transfer, and table 7.9 shows the number
of states required for each execution status.
Table 7.8
DTC Execution Status
Mode
Vector Read
I
Register
Information
Read/Write
J
Data Read
K
Data Write
L
Internal
Operations
M
Normal
1
6
1
1
3
Repeat
1
6
1
1
3
Block transfer
1
6
N
N
3
[Legend]
N: Block size (initial setting of CRAH and CRAL)
Table 7.9
Number of States Required for Each Execution Status
Object to be Accessed
On-Chip RAM
(H'FFEC00 to
H'FFEFFF)
On-Chip RAM
(On-chip RAM area
other than H'FFEC00 to
H'FFEFFF)
On-
Chip
ROM
On-Chip
I/O
Registers
External Devices
Bus width
32
16
16
8
16
8
8
16
16
Access states
1
1
1
2
2
2
3
2
3
Vector read
S
I
—
—
1
—
—
4
6 + 2m
2
3 + m
Execution
status
Register
information
read/write
S
J
1
—
—
—
—
—
—
—
—
Byte data read S
K
1
1
1
2
2
2
3 + m
2
3 + m
Word data read
S
K
1
1
1
4
2
4
6 + 2m
2
3 + m
Byte data write S
L
1
1
1
2
2
2
3 + m
2
3 + m
Word data write
S
L
1
1
1
4
2
4
6 + 2m
2
3 + m
Internal operation
S
M
1
1
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com