Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 228 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 228 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 224Page - Renesas Technology Corp H8S/2472 Datasheet HTML 225Page - Renesas Technology Corp H8S/2472 Datasheet HTML 226Page - Renesas Technology Corp H8S/2472 Datasheet HTML 227Page - Renesas Technology Corp H8S/2472 Datasheet HTML 228Page - Renesas Technology Corp H8S/2472 Datasheet HTML 229Page - Renesas Technology Corp H8S/2472 Datasheet HTML 230Page - Renesas Technology Corp H8S/2472 Datasheet HTML 231Page - Renesas Technology Corp H8S/2472 Datasheet HTML 232Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 1250 page
background image
Section 7 Data Transfer Controller (DTC)
Rev. 2.00 Aug. 20, 2008 Page 180 of 1198
REJ09B0403-0200
7.6.3
Block Transfer Mode
In block transfer mode, one activation source transfers one block of data. Either the transfer source
or the transfer destination is designated as a block area. Table 7.7 lists the register functions in
block transfer mode. The block size can be between 1 and 256. When the transfer of one block
ends, the initial state of the block size counter and the address register that is specified as the block
area is restored. The other address register is then incremented, decremented, or left fixed
according to the register information. From 1 to 65,536 transfers can be specified. Once the
specified number of transfers has been completed, a CPU interrupt is requested.
Table 7.7
Register Functions in Block Transfer Mode
Name
Abbreviation
Function
DTC source address register
SAR
Transfer source address
DTC destination address register
DAR
Transfer destination address
DTC transfer count register AH
CRAH
Holds block size
DTC transfer count register AL
CRAL
Block size counter
DTC transfer count register B
CRB
Transfer counter
Transfer
SAR
or
DAR
DAR
or
SAR
Block area
•
•
•
1st block
N th block
Figure 7.7 Memory Mapping in Block Transfer Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com