Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 256 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 252Page - Renesas Technology Corp H8S/2472 Datasheet HTML 253Page - Renesas Technology Corp H8S/2472 Datasheet HTML 254Page - Renesas Technology Corp H8S/2472 Datasheet HTML 255Page - Renesas Technology Corp H8S/2472 Datasheet HTML 256Page - Renesas Technology Corp H8S/2472 Datasheet HTML 257Page - Renesas Technology Corp H8S/2472 Datasheet HTML 258Page - Renesas Technology Corp H8S/2472 Datasheet HTML 259Page - Renesas Technology Corp H8S/2472 Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 208 of 1198
REJ09B0403-0200
8.1.4
Port 4
Port 4 is an 8-bit I/O port. Port 4 pins can also function as the external interrupt input, de-bounced
input, bidirectional data bus, address bus, and address-data multiplex bus pins. Port 4 has the
following registers.
• Port 4 data direction register (P4DDR)
• Port 4 data register (P4DR)
• Port 4 pull-up MOS control register (P4PCR)
• Noise canceler enable register (P4BNCE)
• Noise canceler mode control register (P4BNCMC)
• Noise cancel cycle setting register (NCCS)
(1) Port 4 Data Direction Register (P4DDR)
The individual bits of P4DDR specify input or output for the port 4 pins. P4DDR is initialized
only by a system reset, and retains the value even if an internal reset signal of the WDT is
generated.
Bit
Bit Name
Initial Value
R/W Description
7
P47DDR
0
W
6
P46DDR
0
W
5
P45DDR
0
W
4
P44DDR
0
W
• Normal extended mode (ADMXE = 0)
When set to 1, the corresponding pins function as
address output pins; when cleared to 0, function as
input port pins.
The address output pins used are in accord with the
settings of the IOSE and CS256E bits of SYSCR.
• Address-data multiplex extended mode (ADMXE =
1)
These bits correspond to the AD15 to AD12 pins of
the address-data multiplex bus.
• Single-chip mode
When set to 1, the corresponding pins function as
output port pins; when cleared to 0, function as input
port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com