Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 257 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 257 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 253Page - Renesas Technology Corp H8S/2472 Datasheet HTML 254Page - Renesas Technology Corp H8S/2472 Datasheet HTML 255Page - Renesas Technology Corp H8S/2472 Datasheet HTML 256Page - Renesas Technology Corp H8S/2472 Datasheet HTML 257Page - Renesas Technology Corp H8S/2472 Datasheet HTML 258Page - Renesas Technology Corp H8S/2472 Datasheet HTML 259Page - Renesas Technology Corp H8S/2472 Datasheet HTML 260Page - Renesas Technology Corp H8S/2472 Datasheet HTML 261Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 209 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial Value
R/W Description
3
P43DDR
0
W
2
P42DDR
0
W
1
P41DDR
0
W
0
P40DDR
0
W
• Normal extended mode (16-bit bus)
These bits have no effect on operation.
• Other modes
If port 4 pins are specified for use as the general I/O
port, the corresponding pins function as output port
when the P4DDR bits are set to 1, and as input port
when cleared to 0.
(2) Port 4 Data Register (P4DR)
P4DR stores output data for the port 4 pins. P4DR is initialized only by a system reset, and retains
the value even if an internal reset signal of the WDT is generated.
Bit
Bit Name
Initial Value
R/W Description
7
P47DR
0
R/W
6
P46DR
0
R/W
5
P45DR
0
R/W
4
P44DR
0
R/W
These bits store output data for the port 4 pins that are
used as the general output port.
If this register is read, the P4DR values are read for the
bits with the corresponding P4DDR bits set to 1. For the
bits with the corresponding P4DDR bits cleared to 0,
the pin states are read.
3
P43DR
0
R/W
2
P42DR
0
R/W
1
P41DR
0
R/W
0
P40DR
0
R/W
• Normal extended mode (16-bit data bus)
Since the corresponding pins function as
bidirectional data bus pins, the value in these bits
has no effect on operation.
If this register is read, the P4DR values are read for
the bits with the corresponding P4DDR bits set to 1.
For the bits with the corresponding P4DDR bits
cleared to 0, 1 is read.
• Other modes
These bits store output data for the port 4 pins that
are used as the general output port.
If this register is read, the P4DR values are read for
the bits with the corresponding P4DDR bits set to 1.
For the bits with the corresponding P4DDR bits
cleared to 0, the pin states are read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com