Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 258 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 258 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 254Page - Renesas Technology Corp H8S/2472 Datasheet HTML 255Page - Renesas Technology Corp H8S/2472 Datasheet HTML 256Page - Renesas Technology Corp H8S/2472 Datasheet HTML 257Page - Renesas Technology Corp H8S/2472 Datasheet HTML 258Page - Renesas Technology Corp H8S/2472 Datasheet HTML 259Page - Renesas Technology Corp H8S/2472 Datasheet HTML 260Page - Renesas Technology Corp H8S/2472 Datasheet HTML 261Page - Renesas Technology Corp H8S/2472 Datasheet HTML 262Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 210 of 1198
REJ09B0403-0200
(3) Port 4 Pull-Up MOS Control Register (P4PCR)
P4PCR controls the port 4 built-in input pull-up MOSs.
Bit
Bit Name
Initial Value
R/W Description
7
P47PCR
0
R/W
6
P46PCR
0
R/W
5
P45PCR
0
R/W
4
P44PCR
0
R/W
3
P43PCR
0
R/W
2
P42PCR
0
R/W
1
P41PCR
0
R/W
0
P40PCR
0
R/W
• Normal extended mode (ADMXE = 0)
This register has no effect on operation.
• Other modes
When the pins are in the input state, the
corresponding input pull-up MOS is turned on when
a P4PCR bit is set to 1.
(4) Noise Canceler Enable Register (P4BNCE)
The individual bits of P4BNCE enable or disable the noise canceler circuits for ports 4 and B.
Bit
Bit Name
Initial Value
R/W Description
7
P47NCE
0
R/W
6
P46NCE
0
R/W
5
P45NCE
0
R/W
4
P44NCE
0
R/W
Enables the noise canceler circuit for the corresponding
pin and the pin state is fetched into P4DR at the
sampling cycle set by NCCS.
The operation changes according to the other control
bits.
3 to 0 PB3NCE to
PB0NCE
All 0
R/W Bits for port B setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com