Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 281 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 281 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 277Page - Renesas Technology Corp H8S/2472 Datasheet HTML 278Page - Renesas Technology Corp H8S/2472 Datasheet HTML 279Page - Renesas Technology Corp H8S/2472 Datasheet HTML 280Page - Renesas Technology Corp H8S/2472 Datasheet HTML 281Page - Renesas Technology Corp H8S/2472 Datasheet HTML 282Page - Renesas Technology Corp H8S/2472 Datasheet HTML 283Page - Renesas Technology Corp H8S/2472 Datasheet HTML 284Page - Renesas Technology Corp H8S/2472 Datasheet HTML 285Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 233 of 1198
REJ09B0403-0200
• P86/ExIRQ14/RxD3
The pin function is switched as shown below according to the combination of the RE bit in
SCR of SCI_3, the SMIF bit in SCMR, and the P86DDR bit.
When the ISS14 bit in ISSR16 is set to 1, this pin can be used as the
ExIRQ14 input pin. To
use this pin as the
ExIRQ14 input pin, clear the P86DDR bit to 0.
P86DDR
0
1
SMIF
0
1
0
RE
0
1
0
P86 input pin
Pin function
ExIRQ14 input pin
RxD3 input pin RxD3 input/output pin
P86 output pin
• P85/ExIRQ13/SCK1
The pin function is switched as shown below according to the combination of the C/
A bit in
SMR of SCI_1, the CKE1 and CKE0 bits in SCR, and the P85DDR bit.
When the ISS13 bit in ISSR16 is set to 1, this pin can be used as the
ExIRQ13 input pin. To
use this pin as the
ExIRQ13 input pin, clear the P85DDR bit to 0.
CKE1
0
1
C/
A
0
1
X
CKE0
0
1
X
X
P85DDR
0
1
X
X
X
P85 input pin
Pin function
ExIRQ13 input pin
P85 output
pin
SCK1 output
pin
SCK1 output
pin
SCK1 input
pin
[Legend] X: Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com