Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 279 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 279 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 275Page - Renesas Technology Corp H8S/2472 Datasheet HTML 276Page - Renesas Technology Corp H8S/2472 Datasheet HTML 277Page - Renesas Technology Corp H8S/2472 Datasheet HTML 278Page - Renesas Technology Corp H8S/2472 Datasheet HTML 279Page - Renesas Technology Corp H8S/2472 Datasheet HTML 280Page - Renesas Technology Corp H8S/2472 Datasheet HTML 281Page - Renesas Technology Corp H8S/2472 Datasheet HTML 282Page - Renesas Technology Corp H8S/2472 Datasheet HTML 283Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 231 of 1198
REJ09B0403-0200
8.1.8
Port 8
Port 8 is an 8-bit I/O port. Port 8 pins can also function as the A/D converter external trigger input,
SCI_1 and SCI_3 input/output, IIC_0 and IIC_1 input/output, and interrupt input pins. Pins 83 to
80 perform the NMOS push-pull output. Port 8 has the following registers.
• Port 8 data direction register (P8DDR)
• Port 8 data register (P8DR)
(1) Port 8 Data Direction Register (P8DDR)
The individual bits of P8DDR specify input or output for the port 8 pins.
Bit
Bit Name
Initial Value
R/W
Description
7
P87DDR
0
W
6
P86DDR
0
W
5
P85DDR
0
W
4
P84DDR
0
W
3
P83DDR
0
W
2
P82DDR
0
W
1
P81DDR
0
W
0
P80DDR
0
W
If port 8 pins are specified for use as the general I/O
port, the corresponding pins function as output port
when the P8DDR bits are set to 1, and as input port
when cleared to 0.
Since this register is allocated to the same address as
PBPIN, states of the port 8 pins are when this register
is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com