Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 282 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 282 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 278Page - Renesas Technology Corp H8S/2472 Datasheet HTML 279Page - Renesas Technology Corp H8S/2472 Datasheet HTML 280Page - Renesas Technology Corp H8S/2472 Datasheet HTML 281Page - Renesas Technology Corp H8S/2472 Datasheet HTML 282Page - Renesas Technology Corp H8S/2472 Datasheet HTML 283Page - Renesas Technology Corp H8S/2472 Datasheet HTML 284Page - Renesas Technology Corp H8S/2472 Datasheet HTML 285Page - Renesas Technology Corp H8S/2472 Datasheet HTML 286Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 234 of 1198
REJ09B0403-0200
• P84/ExIRQ12/SCK3
The pin function is switched as shown below according to the combination of the C/
A bit in
SMR of SCI_3, the CKE1 and CKE0 bits in SCR, and the P84DDR bit.
When the ISS12 bit in ISSR16 is set to 1, this pin can be used as the
ExIRQ12 input pin. To
use this pin as the
ExIRQ12 input pin, clear the P84DDR bit to 0.
CKE1
0
1
C/
A
0
1
X
CKE0
0
1
X
X
P84DDR
0
1
X
X
X
P84 input pin
Pin function
ExIRQ12 input pin
P84 output
pin
SCK3 output
pin
SCK3 output
pin
SCK3 input
pin
[Legend] X: Don't care.
• P83/SDA1
The pin function is switched as shown below according to the combination of the ICE bit in
ICCR of IIC_1 and the P83DDR bit.
When this pin is used as the P83 output pin, the output format is NMOS push-pull output. The
output format for SDA1 is NMOS open-drain output, which allows direct bus drive.
ICE
0
1
P83DDR
0
1
X
Pin function
P83 input pin
P83 output pin
SDA1 input/output pin
[Legend] X: Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com