Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 303 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 303 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 299Page - Renesas Technology Corp H8S/2472 Datasheet HTML 300Page - Renesas Technology Corp H8S/2472 Datasheet HTML 301Page - Renesas Technology Corp H8S/2472 Datasheet HTML 302Page - Renesas Technology Corp H8S/2472 Datasheet HTML 303Page - Renesas Technology Corp H8S/2472 Datasheet HTML 304Page - Renesas Technology Corp H8S/2472 Datasheet HTML 305Page - Renesas Technology Corp H8S/2472 Datasheet HTML 306Page - Renesas Technology Corp H8S/2472 Datasheet HTML 307Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 255 of 1198
REJ09B0403-0200
(2) Port C Output Data Register (PCODR)
PCODR stores output data for the port C pins.
Bit
Bit Name
Initial Value
R/W
Description
7
PC7ODR
0
R/W
6
PC6ODR
0
R/W
5
PC5ODR
0
R/W
4
PC4ODR
0
R/W
3
PC3ODR
0
R/W
2
PC2ODR
0
R/W
1
PC1ODR
0
R/W
0
PC0ODR
0
R/W
The PCODR register stores the output data for the
pins that are used as the general output port.
(3) Port C Input Data Register (PCPIN)
PCPIN indicates the pin states of port C.
Bit
Bit Name
Initial Value
R/W
Description
7
PC7PIN
Undefined*
R
6
PC6 PIN
Undefined*
R
5
PC5PIN
Undefined*
R
4
PC4 PIN
Undefined*
R
3
PC3 PIN
Undefined*
R
2
PC2 PIN
Undefined*
R
1
PC1 PIN
Undefined*
R
0
PC0 PIN
Undefined*
R
When this register is read, the pin states are read.
Since this register is allocated to the same address as
PCDDR, writing to this register writes data to PCDDR
and the port C setting is changed.
Note:
The initial values are determined in accordance with the states of PC7 to PC0 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com