Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 307 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 307 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 303Page - Renesas Technology Corp H8S/2472 Datasheet HTML 304Page - Renesas Technology Corp H8S/2472 Datasheet HTML 305Page - Renesas Technology Corp H8S/2472 Datasheet HTML 306Page - Renesas Technology Corp H8S/2472 Datasheet HTML 307Page - Renesas Technology Corp H8S/2472 Datasheet HTML 308Page - Renesas Technology Corp H8S/2472 Datasheet HTML 309Page - Renesas Technology Corp H8S/2472 Datasheet HTML 310Page - Renesas Technology Corp H8S/2472 Datasheet HTML 311Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 259 of 1198
REJ09B0403-0200
8.1.13
Port D
Port D is an 8-bit I/O port. Port D pins can also function as the IIC_5 input/output and LPC
input/output pins. The output format of PD7 and PD6 pins is NMOS push-pull output. Port D has
the following registers.
• Port D data direction register (PDDDR)
• Port D output data register (PDODR)
• Port D input data register (PDPIN)
(1) Port D Data Direction Register (PDDDR)
The individual bits of PDDDR specify input or output for the port D pins.
Bit
Bit Name
Initial Value
R/W
Description
7
PD7DDR
0
W
6
PD6DDR
0
W
5
PD5DDR
0
W
4
PD4DDR
0
W
3
PD3DDR
0
W
2
PD2DDR
0
W
1
PD1DDR
0
W
0
PD0DDR
0
W
If port D pins are specified for use as the general I/O
port, the corresponding pins function as output port
when the PDDDR bits are set to 1, and as input port
when cleared to 0.
Since this register is allocated to the same address as
PDPIN, the states of the port D pins are returned
when this register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com