Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 308 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 308 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 304Page - Renesas Technology Corp H8S/2472 Datasheet HTML 305Page - Renesas Technology Corp H8S/2472 Datasheet HTML 306Page - Renesas Technology Corp H8S/2472 Datasheet HTML 307Page - Renesas Technology Corp H8S/2472 Datasheet HTML 308Page - Renesas Technology Corp H8S/2472 Datasheet HTML 309Page - Renesas Technology Corp H8S/2472 Datasheet HTML 310Page - Renesas Technology Corp H8S/2472 Datasheet HTML 311Page - Renesas Technology Corp H8S/2472 Datasheet HTML 312Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 260 of 1198
REJ09B0403-0200
(2) Port D Output Data Register (PDODR)
PDODR stores output data for the port D pins.
Bit
Bit Name
Initial Value
R/W
Description
7
PD7ODR
0
R/W
6
PD6ODR
0
R/W
5
PD5ODR
0
R/W
4
PD4ODR
0
R/W
3
PD3ODR
0
R/W
2
PD2ODR
0
R/W
1
PD1ODR
0
R/W
0
PD0ODR
0
R/W
The PCODR register stores the output data for the
pins that are used as the general output port.
(3) Port D Input Data Register (PDPIN)
PDPIN indicates the pin states of port D.
Bit
Bit Name
Initial Value
R/W
Description
7
PD7PIN
Undefined*
R
6
PD6 PIN
Undefined*
R
5
PD5PIN
Undefined*
R
4
PD4 PIN
Undefined*
R
3
PD3 PIN
Undefined*
R
2
PD2 PIN
Undefined*
R
1
PD1 PIN
Undefined*
R
0
PD0 PIN
Undefined*
R
When this register is read, the pin states are read.
Since this register is allocated to the same address as
PDDDR, writing to this register writes data to PDDDR
and the port D setting is changed.
Note:
The initial values are determined in accordance with the states of PD7 to PD0 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com