Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 211 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 211 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 207Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 208Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 209Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 210Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 211Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 212Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 213Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 214Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 215Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 332 page
background image
Chapter 8
Cache Organization
193
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
negated, the processor does not perform an allocation. In this
case, the pending write cycle is executed as a single write cycle
on the system bus.
During write allocates, a 32-byte burst read cycle is executed in
place of a non-burst write cycle. While the burst read cycle
generally takes longer to execute than the write cycle,
performance gains are realized on subsequent write cycle hits
to the write-allocated cache line. Due to the nature of software,
memory accesses tend to occur in proximity of each other
(principle of locality). The likelihood of additional write hits to
the write-allocated cache line is high.
The following is a description of three mechanisms by which the
AMD-K6-2E processor performs write allocations. A write
a l l o ca te i s perfor med w h e n any one or more o f thes e
mechanisms indicates that a pending write is to a cacheable
area of memory.
Write to a Cacheable
Page
Every time the processor performs a cache line fill, the address
of the page in which the cache line resides is saved in the
Cacheability Control Register (CCR). The page address of
subsequent write cycles is compared with the page address
stored in the CCR. If the two addresses are equal, then the
processor performs a write allocate because the page has
already been determined to be cacheable.
When the processor performs a cache line fill from a different
page than the address saved in the CCR, the CCR is updated
with the new page address.
Write to a Sector
If the address of a pending write cycle matches the tag address
of a valid cache sector, but the addressed cache line within the
sector is marked invalid (a sector hit but a cache line miss),
then the processor performs a write allocate. The pending write
cycle is determined to be cacheable because the sector hit
indicates the presence of at least one valid cache line in the
sector. The two cache lines within a sector are guaranteed by
design to be within the same page.
Write Allocate Limit
The AMD-K6-2E processor uses two mechanisms that are
programmable within the Write Handling Control register
(WHCR) to enable write allocations for write cycles that
address a definable or special 1-Mbyte memory area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com