Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 231 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 231 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 227Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 228Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 229Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 230Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 231Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 232Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 233Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 234Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 235Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 332 page
background image
Chapter 10
Floating-Point and Multimedia Execution Units
213
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
10
Floating-Point and Multimedia Execution Units
10.1
Floating-Point Execution Unit
The AMD-K6-2E processor contains an IEEE 754-compatible
and IEEE 854-compatible floating-point execution unit
designed to accelerate the performance of software that utilizes
the x86 floating-point instruction set. Floating-point software is
typically written to manipulate numbers that are very large or
very small, that require a high degree of precision, or that result
fr om
c o mple x
mat h em atical
oper ations
suc h
a s
transce ndentals. Applic ations t hat t a ke adva ntage of
floating-point operations include geometric calculations for
graphics acceleration, scientific, statistical, and engineering
applications, and business applications that use large amounts
of high-precision data.
The high-performance floating-point execution unit contains an
adder unit, a multiplier unit, and a divide/square root unit.
These low-latency units can execute floating-point instructions
in as few as two processor clocks. To increase performance, the
proce sso r is de sig n ed to simu l ta n eo usly de code mo st
floating-point instructions with most short-decodeable
instructions.
See “Software Environment” on page 23 for a description of the
floating-point data types, registers, and instructions.
Handling
Floating-Point
Exceptions
The AMD-K6-2E processor provides the following two types of
exception handling for floating-point exceptions:
s
If the numeric error (NE) bit in CR0 is 1, the processor
invokes the interrupt 10h handler. In this manner, the
floating-point exception is completely handled by software.
s
If the NE bit in CR0 is 0, the processor requires external
logic to generate an interrupt on the INTR signal in order to
handle the exception.
External Logic
Support of
Floating-Point
Exceptions
The processor provides the FERR# (Floating-Point Error) and
IGNNE# (Ignore Numeric Error) signals to allow the external
logic to generate the interrupt in a manner consistent with
PC/AT-compatible systems. The assertion of FERR# indicates
the occurrence of an unmasked floating-point exception
resulting from the execution of a floating-point instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com