Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 235 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 235 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 231Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 232Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 233Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 234Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 235Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 236Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 237Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 238Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 239Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 332 page
background image
Chapter 11
System Management Mode (SMM)
217
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
11
System Management Mode (SMM)
SMM is an alternate operating mode entered by way of a system
management interrupt (SMI) and handled by an interrupt
service routine. SMM is designed for system control activities
s u ch as pow e r manag e ment. Th e s e activi tie s appear
transparent to conventional operating systems like DOS and
Windows. SMM is primarily targeted for use by the Basic Input
Output System (BIOS) and specialized low-level device drivers.
The code and data for SMM are stored in the SMM memory
area, which is isolated from main memory.
The processor enters SMM by the system logic’s assertion of the
SMI# interrupt and the processor’s acknowledgment by the
assertion of SMIACT#. At this point the processor saves its state
into the SMM memory state-save area and jumps to the SMM
service routine. The processor returns from SMM when it
executes the resume (RSM) instruction from within the SMM
service routine. Subsequently, the processor restores its state
from the SMM save area, negates SMIACT#, and resumes
execution with the instruction following the point where it
entered SMM.
The following sections summarize the SMM state-save area,
entry into and exit from SMM, exceptions and interrupts in
SMM, memory allocation and addressing in SMM, and the SMI#
and SMIACT# signals.
11.1
SMM Operating Mode and Default Register Values
The software environment within SMM has the following
characteristics:
s
Addressing and operation in real mode
s
4-Gbyte segment limits
s
Default 16-bit operand, address, and stack sizes, although
instruction prefixes can override these defaults
s
Control transfers that do not override the default operand
size truncate the EIP to 16 bits
s
Far jumps or calls cannot transfer control to a segment with
a base address requiring more than 20 bits, as in real mode
segment-base addressing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com