Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 232 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 232 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 228Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 229Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 230Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 231Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 232Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 233Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 234Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 235Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 236Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 332 page
background image
214
Floating-Point and Multimedia Execution Units
Chapter 10
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
IGNNE# is used by the external hardware to control the effect
of an unmasked floating-point exception. Under certain
circumstances, if IGNNE# is sampled asserted, the processor
ignores the floating-point exception.
Figure 80 illustrates an implementation of external logic for
supporting floating-point exceptions. The following example
explains the operation of the external logic in Figure 80:
1. As the result of a floating-point exception, the processor
asserts FERR#.
2. The assertion of FERR# and the sampling of IGNNE#
negated indicates the processor has stopped instruction
execution and is waiting for an interrupt.
3. The assertion of FERR# leads to the assertion of INTR by
the interrupt controller.
4. The processor acknowledges the interrupt and jumps to the
corresponding interrupt service routine in which an I/O
write cycle to address port F0h leads to the assertion of
IGNNE#.
5. When IGNNE# is sampled asserted, the processor ignores
the floating-point exception and continues instruction
execution.
6. When the processor negates FERR#, the external logic
negates IGNNE#.
See “FERR# (Floating-Point Error)” on page 103 and “IGNNE#
(Ignore Numeric Exception)” on page 108 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com