Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 234 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 234 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 230Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 231Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 232Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 233Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 234Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 235Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 236Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 237Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 238Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 332 page
background image
216
Floating-Point and Multimedia Execution Units
Chapter 10
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
10.3
Floating-Point and MMX™/3DNow!™ Instruction Compatibility
Registers
The eight 64-bit MMX registers (which are also utilized by
3DNow! instructions) are mapped on the floating-point stack.
This enables backward compatibility with all existing software.
For example, the register saving event that is performed by
operating systems during task switching requires no changes to
the operating system. The same support provided in an
operating system’s interrupt 7 handler (Device Not Available)
for saving and restoring the floating-point registers also
supports saving and restoring the MMX registers.
Exceptions
There are no new exceptions defined for supporting the MMX
and 3DNow! instructions. All exceptions that occur while
decoding or executing an MMX or 3DNow! instruction are
handled in existing exception handlers without modification.
FERR# and IGNNE#
MMX instructions and 3DNow! instructions do not generate
f l oating-p oint e x ceptions. Ho w e v e r, if an unm aske d
floating-point exception is pending, the processor asserts
FERR# at the instruction boundary of the next floating-point
instruction, MMX instruction, 3DNow! instruction or WAIT
instruction.
The sampling of IGNNE# asserted only affects processor
ope rat io n during t h e e x ec ut ion of an er ro r-sensi t ive
flo a ting-p oint ins t ructi o n, M M X ins t ructio n, 3 DNow!
instruction or WAIT instruction when the NE bit in CR0 is
cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com