Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 236 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 236 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 232Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 233Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 234Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 235Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 236Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 237Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 238Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 239Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 240Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 332 page
background image
218
System Management Mode (SMM)
Chapter 11
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
s
A20M# is masked
s
Interrupt vectors use the real-mode interrupt vector table
s
The IF flag in EFLAGS is cleared (INTR not recognized)
s
The TF flag in EFLAGS is cleared
s
The NMI and INIT interrupts are disabled
s
Debug register DR7 is cleared (debug traps disabled)
Figure 81 shows the default map of the SMM memory area. It
co ns is ts o f a 6 4 -K by te area , be twee n 0 0 0 3 _0 00 0h and
0003_FFFFh, of which the top 32 Kbytes (0003_8000h to
0003_FFFFh) must be populated with RAM. The default
code-segment (CS) base address for the area—called the SMM
base addr ess — is a t 0003_ 0000h. T h e top 512 b y te s
(0003_FE00h to 0003_FFFFh) contain a fill-down SMM
state-save area. The default entry point for the SMM service
routine is 0003_8000h.
Figure 81. SMM Memory
SMM
State-Save
Area
SMM Base Address (CS)
Service Routine Entry Point
Fill Down
SMM
Service Routine
32-Kbyte
Minimum RAM
0003_8000h
0003_FE00h
0003_FFFFh
0003_0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com