Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 314 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 314 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 310Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 311Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 312Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 313Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 314Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 315Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 316Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 317Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 318Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 332 page
background image
296
Thermal Design
Chapter 16
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
Figure 110. Airflow for a Heatsink with Fan
Airflow Management
in a System Design
Complete airflow management in a system is important. In
addition to the volume of air, the path of the air is also
important. Figure 111 shows the airflow in a dual-fan system.
The fan in the front end pulls cool air into the system through
intake slots in the chassis. The power supply fan forces the hot
air out of the chassis. The thermal performance of the heatsink
can be maximized if it is located in the shaded area, where it
receives greatest benefit from this air exchange system.
Figure 111. Airflow Path in a Dual-Fan System
Airflow
Ideal areas for voltage regulator
Drive Bays
P/S
Vents
V
e
n
t
s
Fan
Fan
Main Board
Front



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com