Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 310 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 310 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 306Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 307Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 308Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 309Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 310Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 311Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 312Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 313Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 314Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 332 page
background image
292
Thermal Design
Chapter 16
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
Socketed Installation:
Maximum Ambient
Temperature
Table 70 and Figure 106 show the measured maximum ambient
temperature (TA) values in °C at different levels of airflow in
the system for the low-power embedded AMD-K6-2E processors
with a maximum thermal power dissipation of 10.0 watts (for
OP Ns: AMD-K6-2E/26 6A MZ , AM D- K6 -2E/300 AMZ, and
AMD-K6-2E/333AMZ) and a maximum case temperature rating
of 85 °C, in the 321-pin Ceramic Pin Grid Array package (CPGA)
when installed into a socket.
Figure 106. Measured Maximum Ambient Temperature (Socketed 321-Pin CPGA Package)
Table 70. Socketed CPGA Package: Measured Maximum Ambient Temperature (°C)
Heatsink Type
Maximum TA (°C) v. Airflow (m/s)
0.0 m/s
1.0 m/s
2.0 m/s
3.0 m/s
4.0 m/s
No Heatsink
-10
°C
6
°C
21
°C
36
°C
43
°C
A (15 mm)
20
°C
42
°C
54
°C
59
°C
62
°C
B (20 mm)
28
°C
47
°C
58
°C
62
°C
65
°C
C (30mm)
38
°C
57
°C
67
°C
70
°C
72
°C
TC = 85°C, Pd = 10 W
-20
-10
0
10
20
30
40
50
60
70
80
01234
Airflow Rate (m/s)
1RQH
$
%
&



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com