Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 115 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 115 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 111Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 112Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 113Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 114Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 115Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 116Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 117Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 118Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 119Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 332 page
background image
Chapter 5
Signal Descriptions
97
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
5.15
CACHE# (Cacheable Access)
Pin Attribute
Output
Pin Location
U-03
Summary
For reads, CACHE # is asserted to indicate the cacheability of
the current bus cycle. In addition, if the processor samples
KEN # assert ed, which in dicates t he driven address is
cacheable, the cycle is a 32-byte burst read cycle. For write
cycles, CACHE# is asserted to indicate the current bus cycle is a
modified cache-line writeback. KEN # is ignored during
writebacks. If CACHE # is not asserted, or if KEN # is sampled
negated during a read cycle, the cycle is not cacheable and
defaults to a single-transfer cycle.
Driven and Floated
CACHE# is driven off the same clock edge as ADS# and remains
in the same state until the clock edge on which NA # or the last
expected BRDY# of the cycle is sampled asserted.
CACHE # is floated off the clock edge that BOFF # is sampled
asserted and off the clock edge that the processor asserts HLDA
in recognition of HOLD.
5.16
CLK (Clock)
Pin Attribute
Input
Pin Location
AK-18
Summary
The CLK signal is the bus clock for the processor and is the
reference for all signal timings under normal operation (except
for TDI, TDO, TMS, and TRST#). BF[2:0] determine the internal
frequency multiplier applied to CLK to obtain the processor’s
core operating frequency. See “BF[2:0] (Bus Frequency)” on
page 93 for a list of the processor-to-bus clock ratios.
Sampled
The CLK signal must be stable a minimum of 1.0 ms prior to the
negation of RESET to ensure the proper operation of the
processor. See “CLK Switching Characteristics” on page 267 for
details regarding the CLK specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com