Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 113 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 113 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 109Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 110Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 111Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 112Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 113Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 114Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 115Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 116Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 117Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 332 page
background image
Chapter 5
Signal Descriptions
95
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
5.12
BRDY# (Burst Ready)
Pin Attribute
Input, Internal Pullup
Pin Location
X-04
Summary
BRDY # is asserted to the processor by system logic to indicate
either that the data bus is being driven with valid data during a
read cycle or that the data bus has been latched during a write
cycle. If necessary, the system logic can insert bus cycle wait
states by negating BRDY# until it is ready to continue the data
transfer. BRDY # is also used to indicate the completion of
special bus cycles.
Sampled
BRDY# is sampled every clock edge within a bus cycle starting
with the clock edge after the clock edge that negates ADS #.
BRDY # is ignored while the bus is idle. The processor samples
the following inputs on the clock edge on which BRDY # is
sampled asserted: D[63:0], DP[7:0], and KEN # during read
cycles, EWBE # during write cycles (if not masked off), and
WB/WT # during read and write cycles. If NA # is sampled
asserted prior to BRDY#, then KEN# and WB/WT# are sampled
on the clock edge on which NA# is sampled asserted.
The number of times the processor expects to sample BRDY #
asserted depends on the type of bus cycle, as follows:
s
One time for a single-transfer cycle, a special bus cycle, or
each of two cycles in an interrupt acknowledge sequence
s
Four times for a burst cycle (once for each data transfer)
BRDY # can be held asserted for four consecutive clocks
throughout the four transfers of the burst, or it can be negated
to insert wait states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com