Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 111 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 111 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 107Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 108Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 109Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 110Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 111Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 112Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 113Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 114Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 115Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 332 page
background image
Chapter 5
Signal Descriptions
93
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
5.10
BF[2:0] (Bus Frequency)
Pin Attributes
Inputs, Internal Pullups
Pin Location
See “Pin Designations by Functional Grouping” on page 301.
Summary
BF[2:0] determine the internal operating frequency of the
processor. The frequency of the CLK input signal is multiplied
internally by a ratio determined by the state of these signals as
defined in Table 16. BF[2:0] have weak internal pullups and
default to the 3.5 multiplier if left unconnected.
Sampled
BF[2:0] are sampled during the falling transition of RESET.
They must meet a minimum setup time of 1.0 ms and a
minimum hold time of two clocks relative to the negation of
RESET.
Table 16. Processor-to-Bus Clock Ratios
State of BF[2:0] Inputs
Processor-Clock to Bus-Clock Ratio
100b
2.5x
101b
3.0x
111b
3.5x
010b
4.0x
000b
4.5x
001b
5.0x
011b
5.5x
110b
6.0x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com