Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-K6-2E/400AMZ Datasheet(PDF) 138 Page - Advanced Micro Devices

No. de pieza AMD-K6-2E/400AMZ
Descripción Electrónicos  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/400AMZ Datasheet(HTML) 138 Page - Advanced Micro Devices

Back Button AMD-K6-2E/400AMZ Datasheet HTML 134Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 135Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 136Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 137Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 138Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 139Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 140Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 141Page - Advanced Micro Devices AMD-K6-2E/400AMZ Datasheet HTML 142Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 332 page
background image
120
Signal Descriptions
Chapter 5
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
5.42
SCYC (Split Cycle)
Pin Attribute
Output
Pin Location
AL-17
Summary
The processor asserts SCYC during misaligned, locked transfers
on the D[63:0] data bus. The processor generates additional bus
cycles to complete the transfer of misaligned data.
For purposes of bus cycles, the term aligned means:
s
Any 1-byte transfers
s
2-byte and 4-byte transfers that lie within 4-byte address
boundaries
s
8-byte transfers that lie within 8-byte address boundaries
Driven and Floated
SCYC is asserted off the same clock edge as ADS#, and negated
off the clock edge on which NA# or the last expected BRDY# of
the entire locked sequence is sampled asserted. SCYC is only
valid during locked memory cycles.
SCYC is floated off the clock edge on which BOFF# is sampled
asserted and off the clock edge on which the processor asserts
HLDA in response to HOLD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com