Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 344 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 344 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 340Page - Renesas Technology Corp H8S/2472 Datasheet HTML 341Page - Renesas Technology Corp H8S/2472 Datasheet HTML 342Page - Renesas Technology Corp H8S/2472 Datasheet HTML 343Page - Renesas Technology Corp H8S/2472 Datasheet HTML 344Page - Renesas Technology Corp H8S/2472 Datasheet HTML 345Page - Renesas Technology Corp H8S/2472 Datasheet HTML 346Page - Renesas Technology Corp H8S/2472 Datasheet HTML 347Page - Renesas Technology Corp H8S/2472 Datasheet HTML 348Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 296 of 1198
REJ09B0403-0200
(7) Pin Functions
The relationship between the register settings and the pin function is shown below.
(a) Normal Extended Mode
• P47 to P44
The pin function is switched as shown below according to the combination of the CS256E and
IOSE bits in SYSCR, the ADFULLE bit in BCR2 of the BSC, and the P4nDDR bit. Address 13 in
the table below is expressed by the following logical expression.
Address 13 = 1:
ADFULLE • CS256E • IOSE
P4nDDR
0
1
Address 13
X
0
1
Pin
function
P4n input pin
Am output pin
P4n output pin
[Legend] n = 15 to 12, n = 7 to 4, X: Don't care
• P43 to P40
Port pins 43 to 40 function as bidirectional data bus pins in 16-bit bus extension, and can be used
as general I/O port pins in 8-bit bus extension.
(b) Address-Data Multiplex Extended Mode
Port pins 47 to 44 are automatically set to function as address bus pins. Port pins 43 to 40 can be
used as general I/O port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com