Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 347 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 347 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 343Page - Renesas Technology Corp H8S/2472 Datasheet HTML 344Page - Renesas Technology Corp H8S/2472 Datasheet HTML 345Page - Renesas Technology Corp H8S/2472 Datasheet HTML 346Page - Renesas Technology Corp H8S/2472 Datasheet HTML 347Page - Renesas Technology Corp H8S/2472 Datasheet HTML 348Page - Renesas Technology Corp H8S/2472 Datasheet HTML 349Page - Renesas Technology Corp H8S/2472 Datasheet HTML 350Page - Renesas Technology Corp H8S/2472 Datasheet HTML 351Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 299 of 1198
REJ09B0403-0200
8.2.5
Port 5
Port 5 is an 8-bit I/O port. Port 5 pins can also function as the SCIF, SCI_1, and SSU input/output,
bus control output, system clock output, external subclock input, and interrupt input pins. Port 5
has the following registers.
• Port 5 data direction register (P5DDR)
• Port 5 data register (P5DR)
(1) Port 5 Data Direction Register (P5DDR)
The individual bits of P5DDR specify input or output for the port 5 pins.
Bit
Bit Name
Initial Value
R/W
Description
7
P57DDR
0
W
If port 5 pins are specified for use as the general I/O
port, the corresponding pins function as output port
when the P5DDR bits are set to 1, and as input port
when cleared to 0.
6
P56DDR
0
W
The corresponding port 5 pin functions as the system
clock output pin (
φ) when this bit is set to 1, and as
the general I/O port when cleared to 0.
5
P55DDR
0
W
4
P54DDR
0
W
3
P53DDR
0
W
2
P52DDR
0
W
1
P51DDR
0
W
0
P50DDR
0
W
If port 5 pins are specified for use as the general I/O
port, the corresponding pins function as output port
when the P5DDR bits are set to 1, and as input port
when cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com