Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 348 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 348 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 344Page - Renesas Technology Corp H8S/2472 Datasheet HTML 345Page - Renesas Technology Corp H8S/2472 Datasheet HTML 346Page - Renesas Technology Corp H8S/2472 Datasheet HTML 347Page - Renesas Technology Corp H8S/2472 Datasheet HTML 348Page - Renesas Technology Corp H8S/2472 Datasheet HTML 349Page - Renesas Technology Corp H8S/2472 Datasheet HTML 350Page - Renesas Technology Corp H8S/2472 Datasheet HTML 351Page - Renesas Technology Corp H8S/2472 Datasheet HTML 352Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 300 of 1198
REJ09B0403-0200
(2) Port 5 Data Register (P5DR)
P5DR stores output data for the port 5 pins.
Bit
Bit Name
Initial Value
R/W
Description
7
P57DR
0
R/W
6
P56DR
Undefined*
R
5
P55DR
0
R/W
4
P54DR
0
R/W
3
P53DR
0
R/W
2
P52DR
0
R/W
1
P51DR
0
R/W
0
P50DR
0
R/W
P5DR stores output data for the port 5 pins that are
used as the general output port.
If this register is read, the P5DR values are read for
the bits with the corresponding P5DDR bits set to 1.
For the bits with the corresponding P5DDR bits
cleared to 0, the pin states are read.
Note:
*
The initial value is determined in accordance with the pin state of P56.
(3) Pin Functions
(a) Normal Extended Mode and Address-Data Multiplex Extended Mode
Port pin 57 is automatically set to function as a bus control output pin. The functions of port pins
56 to 50 are the same as those in single-chip mode.
(b) Single-Chip Mode
Port 5 pins can operate as the SCIF, SCI_1, and SSU input/output, noise canceler input, or general
I/O port pins. The relationship between register setting values and pin functions are as follows.
• P57
The pin function is switched as shown below according to the P57DDR bit.
P57DDR
0
1
Pin function
P57 input pin
P57 output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com