Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 345 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 345 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 341Page - Renesas Technology Corp H8S/2472 Datasheet HTML 342Page - Renesas Technology Corp H8S/2472 Datasheet HTML 343Page - Renesas Technology Corp H8S/2472 Datasheet HTML 344Page - Renesas Technology Corp H8S/2472 Datasheet HTML 345Page - Renesas Technology Corp H8S/2472 Datasheet HTML 346Page - Renesas Technology Corp H8S/2472 Datasheet HTML 347Page - Renesas Technology Corp H8S/2472 Datasheet HTML 348Page - Renesas Technology Corp H8S/2472 Datasheet HTML 349Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 297 of 1198
REJ09B0403-0200
(c)
Single-Chip Mode
The relationship between register setting values and pin functions are as follows.
• P47 to P40
The pin function is switched as shown below according to the P4nDDR bit and P4nNCE bit.
When the ISSn bit in ISSR is cleared to 0 and the IRQnE bit in IER of the interrupt controller is
set to 1, the pin can be used as the
IRQn input pin. To use as the IRQn input pin, clear the
P4nDDR bit to 0.
P4nDDR
0
1
P4nNCE
0
1
X
P4n input
DBn input
Pin function
IRQn input
IRQn input
(with the noise canceler)
P4n output pin
[Legend] n = 7 to 4, X: Don't care
• P44 to P40
The pin function is switched as shown below according to the P4nDDR bit. When the ISSn bit in
ISSR is cleared to 0 and the IRQnE bit in IER of the interrupt controller is set to 1, the pin can be
used as the
IRQn input pin. To use as the IRQn input pin, clear the P4nDDR bit to 0.
P4nDDR
0
1
P4n input pin
Pin function
IRQn input pin
P4n output pin
[Legend] n = 3 to 0, X: Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com