Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 409 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 409 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 405Page - Renesas Technology Corp H8S/2472 Datasheet HTML 406Page - Renesas Technology Corp H8S/2472 Datasheet HTML 407Page - Renesas Technology Corp H8S/2472 Datasheet HTML 408Page - Renesas Technology Corp H8S/2472 Datasheet HTML 409Page - Renesas Technology Corp H8S/2472 Datasheet HTML 410Page - Renesas Technology Corp H8S/2472 Datasheet HTML 411Page - Renesas Technology Corp H8S/2472 Datasheet HTML 412Page - Renesas Technology Corp H8S/2472 Datasheet HTML 413Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 409 / 1250 page
background image
Section 9 14-Bit PWM Timer (PWMX)
Rev. 2.00 Aug. 20, 2008 Page 361 of 1198
REJ09B0403-0200
9.3.1
PWMX (D/A) Counter (DACNT)
DACNT is a 14-bit readable/writable up-counter. The input clock is selected by the clock select
bit (CKS) in DACR. DACNT functions as the time base for both PWMX (D/A) channels. When a
channel operates with 14-bit precision, it uses all DACNT bits. When a channel operates with 12-
bit precision, it uses the lower 12 bits and ignores the upper two bits. DACNT cannot be accessed
in 8-bit units. DACNT should always be accessed in 16-bit units. For details, see section 9.4, Bus
Master Interface.
• DACNT
Bit
Bit Name
Initial
Value
R/W
Description
15 to 8 UC7 to UC0
All 0
R/W
Lower Up-Counter
7 to 2
UC8 to UC13
All 0
R/W
Upper Up-Counter
1
1
R
Reserved
This bit is always read as 1 and cannot be modified.
0
REGS
1
R/W
Register Select
DADRA and DACR, and DADRB and DACNT, are
located at the same addresses. The REGS bit specifies
which registers can be accessed. When changing the
register to be accessed, set this bit in advance.
0: DADRA and DADRB can be accessed
1: DACR and DACNT can be accessed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com