Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 112 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 108Page - Renesas Technology Corp H8S/2472 Datasheet HTML 109Page - Renesas Technology Corp H8S/2472 Datasheet HTML 110Page - Renesas Technology Corp H8S/2472 Datasheet HTML 111Page - Renesas Technology Corp H8S/2472 Datasheet HTML 112Page - Renesas Technology Corp H8S/2472 Datasheet HTML 113Page - Renesas Technology Corp H8S/2472 Datasheet HTML 114Page - Renesas Technology Corp H8S/2472 Datasheet HTML 115Page - Renesas Technology Corp H8S/2472 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 1250 page
background image
Section 3 MCU Operating Modes
Rev. 2.00 Aug. 20, 2008 Page 64 of 1198
REJ09B0403-0200
3.2
Register Descriptions
The following registers are related to the operating mode. For details on the bus control register
(BCR), see section 6.3.1, Bus Control Register (BCR), and for details on bus control register 2
(BCR2), see section 6.3.2, Bus Control Register 2 (BCR2).
• Mode control register (MDCR)
• System control register (SYSCR)
• Serial timer control register (STCR)
3.2.1
Mode Control Register (MDCR)
MDCR is used to set an operating mode and to monitor the current operating mode.
Bit
Bit Name
Initial
Value
R/W
Description
7
EXPE
0
R/W
Extended Mode Enable
Specifies extended mode.
0: Single-chip mode
1: Extended mode
6 to 3
All 0
R
Reserved
2
1
MDS2
MDS1
*
*
R
R
Mode Select 2 and 1
These bits indicate the input levels at mode pins (
MD2
and MD1) (the current operating mode). Bits MDS2 and
MDS1 correspond to
MD2 and MD1, respectively. MDS2
and MDS1 are read-only bits and they cannot be written
to. The mode pin (
MD2 and MD1) input levels are latched
into these bits when MDCR is read. These latches are
canceled by a reset.
0
R
Reserved
Note:
*
The initial values are determined by the settings of the
MD2 and MD1 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com